Part Number Hot Search : 
ISL2231 IRG4B S506TY VH22M16 CSB500 RS2006M APCB240 SDR936M
Product Description
Full Text Search
 

To Download KK4006B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
TECHNICAL DATA
KK4006B MOS 18-Stage Static Shift Register
The RCA-4006B types are composed of 4 separate shift register sections: two sections of four stages and two sections of five stages with an output tar at the fourth stage. Each section has an independent single-rail data path. * * * * Standardized, symmetrial output characteristics Operating Voltage Range: 3.0 to 18 V 100% tested for guiescent current at 20 V Maximum input current of 1 A at 18 V over full package-temperature range; 100 nA at 18 V and 25C * Noise margin ( full package temperature range): 1.0 V at VDD=5.0 V 2.0 V at VDD =10.0 V 2.5 V at VDD =15.0 V
N SUFFIX PLASTIC 14 1 14 D SUFFIX SOIC 1
ORDERING INFORMATION KK4006BN Plastic KK4006BD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT
D1 01
14
TERMINAL ASSIGNMENT
Pin.No
01 02
03
04
05
06
07
08
09
10
11
VDD
D1+4 D2+5 D2+4 D3+4
Symbol
D1 D1+4/ C D2 D3 D4 VSS D4+4 D4+5 D3+4 D2+4 D2+5 D1+4
D1+4' 02
C
03
13
12
D2 04
4006
11
D3 05
10
D4 06
09 D4+5
V SS 07
08 D4+4
FUNCTION TABLE
Inputs
C D1
L
H
X
L
H
X
Outputs
D1+4
/
D2-D4 D1+4...D4+4
L
H
X
X
X
X
12
13
14
L
H
Storage
Storage
Storage
D1...D4
Storage
Storage
D1
L
H
Storage
Description Input Data Output Data Clock Data Input Data Input Data Input Data Ground Output Data Output Data Output Data Output Data Output Data Output Data
Positive Pover Supply
VDD
X = don't care
1
www..com
KK4006B
MAXIMUM RATINGS*
Symbol VDD VIN IIN PD Ptot Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP, SOIC Package Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 -0.5 to VDD +0.5 10 500** 100 -65 to +150 260
Unit V V mA mW mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. **Derating: - Plastic DIP from -55 to +100C - SOIC Package from -55 to +65C - Plastic DIP: - 12 mW/C from +100 to +125C - SOIC Package: : - 7 mW/C from +65 to +125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation VIN should be constrained to the range GNDVIN VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either Vss or VDD). Unused outputs must be left open.
2
www..com
KK4006B
DC ELECTRICAL CHARACTERISTICS
Symbol Parameter Test Conditions VDD, V 55C min VIH Minimum HighVO = 0.5 V or VDD-0.5 V Level Input Voltage VO = 1.0 V or VDD-1.0 V VO = 1.5 V or VDD-1.5 V VIL Maximum Low VO = 0.5 V or VDD-0.5 V Level Input Voltage VO = 1.0 V or VDD-1.0 V VO = 1.5 V or VDD-1.5 V VOH Minimum HighLevel Output Voltage Maximum LowLevel Output Voltage Maximum Input Current Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) VI = VSS VDD 5.0 10 15 5.0 10 15 3.5 7.0 11 max 1.5 3.0 4.0 0.05 0.05 0.05 -0.1 +0.1 5.0 10.0 20.0 100 Guaranteed Limit 125C min 3.5 7.0 11 4.95 9.95 14.95 0.36 0.9 2.4 -1.15 -0.36 -0.9 -2.4 max 1.5 3.0 4.0 0.05 0.05 0.05 -1.0 +1.0 150 300 600 3000 25C min 3.5 7.0 11 4.95 9.95 14.95 0.51 1.3 3.4 -1.6 -0.51 -1.3 -3.4 max 1.5 3.0 4.0 0.05 0.05 0.05 -0.1 +0.1 5.0 10 20 100 mA 5.0 -2.0 5.0 -0.64 10 -1.6 15 -4.2 7.5 pF V V V Unit
5.0 4.95 10 9.95 15 14.95 5.0 10 15 18 18 5.0 10 15 20 5.0 10 15 0.64 1.6 4.2
VOL
VI = VSS VDD
V
IIL IIH IDD
VI = VSS VI = VDD VI = VSS or VDD
A A A
IOL
Minimum Output VI = VSS or VDD Low (Sink) Current VOL = 0.4 V VOL = 0.5 V VOL = 1.5 V Minimum Output High (Source) Current VI = VSS or VDD VOH = 2.5 V VOH = 4.6 V VOH = 9.5 V VOH = 13.5 V
mA
IOH
CIN
Maximum Input Capacitance
3
www..com
KK4006B
TIMING REQUIREMENTS (CL=50 , RL = 200 , tLH = tHL 20 )
Symbol Parameter UDD, V 55C min max tPHL, tPLH tTHL, tTLH tSU Propagation Delay Time Transition Time 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 400 200 160 200 100 80 125C min max 800 400 320 400 200 160 25C min max 400 200 160 200 100 80 ns ns Guaranteed Limit Unit
Minimum Data Setup Time Minimum Hold Time, Clock to Data Minimum Clock Pulse Width Maximum Clock Input Freguency Maximum Clock Input Rise or Fall Time
100 50 40 150 80 60 200 90 60
200 100 80 300 160 120 400 180 120
100 50 40 150 80 60 200 90 60
ns
tH
-
-
-
ns
tW
-
-
-
nc
fC
2.5 5.0 7.0 15 15 15
1.25 2.5 3.5 15 15 15
2.5 5.0 7.0 15 15 15
MHz
tr(CL) tf(CL)
s
4
www..com
KK006B
LOGIS DIAGRAM WITH DETAIL OF LATCH
D1 (01) CLOCK (03) D2 (04)
D CC
Q
D CC
Q
D C C
Q
D CC
Q
D 1+4 Q CC
D1+4 (13) D1+4 (02)
D2+4 (11)
D C C Q D CC Q D C C Q D CC Q D CC Q
D2+5 (12)
D3 (05)
D CC
Q
D CC
Q
D CC
Q
D C C
Q
D3+4 (10) D4+4 (08) D4+5 (09)
D4 (06)
D
Q CC
D CC
Q
D C
C
Q
D
CC
Q
D CC
Q
5
www..com
KK4006B
tLH tHL UDD
D1,D2, D3,D4 0.1
0.9 0.5 tSU tLH tHL 0.9 0.5 0.1
tH
0
UDD
CLK
1
tWH
4
tPLH
0.5
5
0.5
8
tPHL
0.5
9
0.5 0
D1+4,D2+4, D3+4,D4+4
0.9 0.5 0.1
0.9 0.5 0.1
UOH
tTLH tPLH
D1+4/ 0.9 0.5 0.1
tTHL tPHL
0.9 0.5 0.1
UOL
UOH
tTLH tPLH
D2+5,D4+5 0.9 0.5 0.1
tTHL tPHL
0.9 0.5
UOL
UOH 0.1 UOL
tTLH
tTHL
SWITCHING WAVEFORMS
6
www..com
KK4006B
N SUFFIX PLASTIC DIP (MS - 001AA)
A 14 8 B 1 7
Dimensions, mm Symbol A B MIN 18.67 6.10 0.36 1.14 2.54 7.62 0 2.92 7.62 0.20 0.38 10 3.81 8.26 0.36 MAX 19.69 7.11 5.33 0.56 1.78
F
L
C D F G
J
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
M H
H J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AB)
A 14 8
Dimensions, mm
H B P
Symbol. A B C
C R x 45
MIN 8.55 3.80 1.35 0.33 0.40 1.27 5.72 0 0.10 0.19 5.80 0.25
MAX 8.75 4.00 1.75 0.51 1.27
1
G
7
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
8 0.25 0.25 6.20 0.50
NOTES: 1.Dimensions A and B do not include mold flash or protrusion. 2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B - 0.25 mm (0.010) per side.
7


▲Up To Search▲   

 
Price & Availability of KK4006B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X